データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AR0130CS データシート(PDF) 2 Page - ON Semiconductor

部品番号 AR0130CS
部品情報  1/3-Inch CMOS Digital Image Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CS データシート(HTML) 2 Page - ON Semiconductor

  AR0130CS Datasheet HTML 1Page - ON Semiconductor AR0130CS Datasheet HTML 2Page - ON Semiconductor AR0130CS Datasheet HTML 3Page - ON Semiconductor AR0130CS Datasheet HTML 4Page - ON Semiconductor AR0130CS Datasheet HTML 5Page - ON Semiconductor AR0130CS Datasheet HTML 6Page - ON Semiconductor AR0130CS Datasheet HTML 7Page - ON Semiconductor AR0130CS Datasheet HTML 8Page - ON Semiconductor AR0130CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
AR0130CS/D Rev. 12,
1/16 EN
2
©Semiconductor Components Industries, LLC, 2016.
AR0130CS: 1/3-Inch CMOS Digital Image Sensor
Ordering Information
Ordering Information
See the ON Semiconductor Device Nomenclature document (TND310/D) for a full
description of the naming convention used for image sensors. For reference documenta-
tion, including information on evaluation kits, please visit our web site at
www.onsemi.com.
Table 2:
Available Part Numbers
Part Number
Base Description
Variant Description
AR0130CSSC00SPBA0-DP1
RGB Bayer 48-Pin PLCC
Dry Pack with Protective Film
AR0130CSSC00SPBA0-DR1
RGB Bayer 48-Pin PLCC
Dry Pack without Protective Film
AR0130CSSC00SPCA0-DPBR1
RGB Bayer 48-Pin iLCC
Dry Pack with Protective Film, Double Side BBAR Glass
AR0130CSSC00SPCA0-DRBR1
RGB Bayer 48-Pin iLCC
Dry Pack without Protective Film, Double Side BBAR Glass
AR0130CSSC00SPCAD3-GEVK
RGB Bayer demo kit iLCC
AR0130CSSC00SPCAD3-S115-GEVK
RGB Bayer demo kit iLCC
AR0130CSSC00SPCAD3-S213A-GEVK
RGB Bayer demo kit iLCC
AR0130CSSC00SPCAD-GEVK
RGB Bayer demo kit iLCC
AR0130CSSC00SPCAD-S115-GEVK
RGB Bayer demo kit iLCC
AR0130CSSC00SPCAD-S213A-GEVK
RGB Bayer demo kit iLCC
AR0130CSSC00SPCAH-GEVB
RGB Bayer headboard iLCC
AR0130CSSC00SPCAH-S115-GEVB
RGB Bayer headboard iLCC
AR0130CSSC00SPCAH-S213A-GEVB
RGB Bayer headboard iLCC
AR0130CSSC00SPCAW-GEVB
RGB Bayer headboard iLCC
AR0130CSSM00SPCA0-DRBR1
Monochrome 48-Pin iLCC
Dry Pack without Protective Film, Double Side BBAR Glass
AR0130CSSM00SPCAD-S213A-GEVK
Monochrome demo kit iLCC
AR0130CSSM00SPCAH-S213A-GEVB
Monochrome headboard iLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49