| データシートサーチシステム |
|
DP7261 データシート(PDF) 6 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
DP7261 データシート(HTML) 6 Page - Copal Electronics |
|
6 / 15 page ![]() DP7261 Doc. No. MD-2122 Rev. E 6 © NIDEC COPAL ELECTRONICS CORP. Characteristics subject to change without notice POWER UP TIMING (1)(2) s t i n U x a M r e t e m a r a P l o b m y S tPUR s m 1 n o i t a r e p O d a e R o t p u - r e w o P tPUW s m 1 n o i t a r e p O e t i r W o t p u - r e w o P DP TIMING s t i n U x a M n i M r e t e m a r a P l o b m y S tWRPO s µ 0 1 5 e l b a t S y l p p u S r e w o P r e t f A e m i T e s n o p s e R r e p i W tWRL s µ 0 1 5 d e u s s I n o i t c u r t s n I r e t f A e m i T e s n o p s e R r e p i W WRITE CYCLE LIMITS s t i n U x a M r e t e m a r a P l o b m y S tWR s m 5 e m i T e l c y C e t i r W RELIABILITY CHARACTERISTICS s t i n U x a M n i M d o h t e M t s e T e c n e r e f e R r e t e m a r a P l o b m y S NEND (3) Endurance MIL-STD-883, Test Method 1033 1,000,000 Cycles/Byte TDR (3) Data Retention MIL-STD-883, Test Method 1008 100 Years VZAP (3) ESD Susceptibility MIL-STD-883, Test Method 3015 2000 V ILTH (3) A m 0 0 1 7 1 d r a d n a t S C E D E J p U - h c t a L Notes: (1) This parameter is tested initially and after a design or process change that affects the parameter. (2) tPUR and tPUW are delays required from the time VCC is stable until the specified operation can be initiated. (3) This parameter is tested initially and after a design or process change that affects the parameter. Figure 1. Synchronous Data Timing Note: Dashed Line = mode (1, 1) VALID IN VIH VIL tCSS VIH VIL VIH VIL VOH VOL HI-Z tSU tH tWH tWL tV tCS tCSH tHO tDIS HI-Z CS SCK SI SO tRI tFI |