| データシートサーチシステム |
|
L6207D データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6207D データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 23 page ![]() 3/23 L6207 THERMAL DATA PIN CONNECTIONS (Top View) (5) The slug is internally connected to pins 1,18,19 and 36 (GND pins). Symbol Description PowerDIP24 SO24 PowerSO36 Unit Rth-j-pins Maximum Thermal Resistance Junction-Pins 18 14 - °C/W Rth-j-case Maximum Thermal Resistance Junction-Case - - 1 °C/W Rth-j-amb1 Maximum Thermal Resistance Junction-Ambient 1 (1) Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the bottom side of 6cm2 (with a thickness of 35µm). 43 51 - °C/W Rth-j-amb1 Maximum Thermal Resistance Junction-Ambient 2 (2) Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the top side of 6cm2 (with a thickness of 35µm). -- 35 °C/W Rth-j-amb1 Maximum Thermal Resistance Junction-Ambient 3 (3) Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the top side of 6cm2 (with a thickness of 35µm), 16 via holes and a ground layer. -- 15 °C/W Rth-j-amb2 Maximum Thermal Resistance Junction-Ambient 4 (4) Mounted on a multi-layer FR4 PCB without any heat sinking surface on the board. 58 77 62 °C/W PowerDIP24/SO24 PowerSO36 (5) GND GND OUT1B RCB SENSEB IN2B IN1B 1 3 2 4 5 6 7 8 9 VREFB VBOOT ENB OUT2B VSB GND GND 19 18 17 16 15 13 14 D02IN1346 10 11 12 24 23 22 21 20 IN1A IN2A SENSEA RCA OUT1A VSA OUT2A VCP ENA VREFA GND N.C. N.C. VSA RCA OUT1 A N.C. N.C. N.C. N.C. N.C. OUT1B RCB N.C. VSB N.C. N.C. GND 18 16 17 15 6 5 4 3 2 21 22 31 32 33 35 34 36 20 1 19 GND GND D02IN1347 IN1 A SENSEA IN2 A SENSEB IN2B IN1B 9 8 7 28 29 30 VREFA VREFB 10 27 OUT2A ENA VCP ENB OUT2B VBOOT 14 12 11 23 25 26 N.C. N.C. 13 24 |