| データシートサーチシステム |
|
C5SME-RJF-CS34QBB2 データシート(PDF) 4 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C5SME-RJF-CS34QBB2 データシート(HTML) 4 Page - Cree, Inc |
|
4 / 11 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 4 Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 4 Cree 5-mm Oval LED C5SMF-RJF/GJF/BJF C5SMF-RJE/GJE/BJE C5SME-RJF/RJE ORDER CODE TABLE* C5SMF Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Package Standoff Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C5SMF-RJF-CT0W0BB1 1100 4180 RB 619 RB 624 Bulk Yes Red C5SMF-RJF-CT14QBB1 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Bulk Yes Red C5SMF-RJF-CT34QBB1 Any 4 consecutive sub-bins: T3 (1310) - U4 (2130) RB 619 RB 624 Bulk Yes Red C5SMF-RJF-CU14QBB1 Any 4 consecutive sub-bins: U1 (1520) - V2 (2564) RB 619 RB 624 Bulk Yes Red C5SMF-RJE-CT0W0BB1 1100 4180 RB 619 RB 624 Bulk No Red C5SMF-RJE-CT14QBB1 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Bulk No Red C5SMF-RJE-CT34QBB1 Any 4 consecutive sub-bins: T3 (1310) - U4 (2130) RB 619 RB 624 Bulk No Red C5SMF-RJE-CU14QBB1 Any 4 consecutive sub-bins: U1 (1520) - V2 (2564) RB 619 RB 624 Bulk No Red C5SMF-RJF-CT0W0BB2 1100 4180 RB 619 RB 624 Ammo Yes Red C5SMF-RJF-CT14QBB2 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Ammo Yes Red C5SMF-RJF-CT34QBB2 Any 4 consecutive sub-bins: T3 (1310) - U4 (2130) RB 619 RB 624 Ammo Yes Red C5SMF-RJF-CU14QBB2 Any 4 consecutive sub-bins: U1 (1520) - V2 (2564) RB 619 RB 624 Ammo Yes Red C5SMF-RJE-CT0W0BB2 1100 4180 RB 619 RB 624 Ammo No Red C5SMF-RJE-CT14QBB2 Any 4 consecutive sub-bins: T1 (1100) - U2 (1824) RB 619 RB 624 Ammo No Red C5SMF-RJE-CT34QBB2 Any 4 consecutive sub-bins: T3 (1310) - U4 (2130) RB 619 RB 624 Ammo No Red C5SMF-RJE-CU14QBB2 Any 4 consecutive sub-bins: U1 (1520) - V2 (2564) RB 619 RB 624 Ammo No |