データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MK-R データシート(PDF) 30 Page - Cree, Inc

部品番号 MK-R
部品情報  Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

MK-R データシート(HTML) 30 Page - Cree, Inc

Back Button MK-R Datasheet HTML 25Page - Cree, Inc MK-R Datasheet HTML 26Page - Cree, Inc MK-R Datasheet HTML 27Page - Cree, Inc MK-R Datasheet HTML 28Page - Cree, Inc MK-R Datasheet HTML 29Page - Cree, Inc MK-R Datasheet HTML 30Page - Cree, Inc MK-R Datasheet HTML 31Page - Cree, Inc MK-R Datasheet HTML 32Page - Cree, Inc MK-R Datasheet HTML 33Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite® and SC3 Technology® are registered trademarks and
the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
30
XLamp® mK-R LEDs
uL® Recognized Component
Level4enclosureconsideration.TheLEDpackageoraportionthereofhasbeeninvestigatedasafireandelectricalenclosureperANSI/
UL8750.
Vision advisory
WARNING: Do not look at an exposed lamp in operation. eye injury can result. For more information about LeDs and eye safety, please
refer to the LeD eye Safety application note.
notEs - ContinuED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33