| データシートサーチシステム |
|
AS4C2M32S データシート(PDF) 13 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C2M32S データシート(HTML) 13 Page - Alliance Semiconductor Corporation |
|
13 / 53 page ![]() AS4C2M32S Confidential 13 Rev. 3.0 Dec. /2012 Burst Length Field (A2~A0) This field specifies the data length of column access using the A2~A0 pins and selects the Burst Length to be 2, 4, 8, or full page. Table 4. Burst Length Field A2 A1 A0 Burst Length 0 0 0 1 0 0 1 2 0 1 0 4 0 1 1 8 1 0 0 Reserved 1 0 1 Reserved 1 1 0 Reserved 1 1 1 Full Page Burst Type Field (A3) The Burst Type can be one of two modes, Interleave Mode or Sequential Mode. Table 5. Burst Type Field A3 Burst Type 0 Sequential 1 Interleave Burst Definition, Addressing Sequence of Sequential and Interleave Mode Table 6. Burst Definition Burst Length Start Address Sequential Interleave A2 A1 A0 2 X X 0 0, 1 0, 1 X X 1 1, 0 1, 0 4 X 0 0 0, 1, 2, 3 0, 1, 2, 3 X 0 1 1, 2, 3, 0 1, 0, 3, 2 X 1 0 2, 3, 0, 1 2, 3, 0, 1 X 1 1 3, 0, 1, 2 3, 2, 1, 0 8 0 0 0 0, 1, 2, 3, 4, 5, 6, 7 0, 1, 2, 3, 4, 5, 6, 7 0 0 1 1, 2, 3, 4, 5, 6, 7, 0 1, 0, 3, 2, 5, 4, 7, 6 0 1 0 2, 3, 4, 5, 6, 7, 0, 1 2, 3, 0, 1, 6, 7, 4, 5 0 1 1 3, 4, 5, 6, 7, 0, 1, 2 3, 2, 1, 0, 7, 6, 5, 4 1 0 0 4, 5, 6, 7, 0, 1, 2, 3 4, 5, 6, 7, 0, 1, 2, 3 1 0 1 5, 6, 7, 0, 1, 2, 3, 4 5, 4, 7, 6, 1, 0, 3, 2 1 1 0 6, 7, 0, 1, 2, 3, 4, 5 6, 7, 4, 5, 2, 3, 0, 1 1 1 1 7, 0, 1, 2, 3, 4, 5, 6 7, 6, 5, 4, 3, 2, 1, 0 Full page location = 0-255 n, n+1, n+2, n+3, …255, 0, 1, 2, … n-1, n, … Not Support |