データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M28W160ECT85N6S データシート(PDF) 44 Page - STMicroelectronics

部品番号 M28W160ECT85N6S
部品情報  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W160ECT85N6S データシート(HTML) 44 Page - STMicroelectronics

Back Button M28W160ECT85N6S Datasheet HTML 40Page - STMicroelectronics M28W160ECT85N6S Datasheet HTML 41Page - STMicroelectronics M28W160ECT85N6S Datasheet HTML 42Page - STMicroelectronics M28W160ECT85N6S Datasheet HTML 43Page - STMicroelectronics M28W160ECT85N6S Datasheet HTML 44Page - STMicroelectronics M28W160ECT85N6S Datasheet HTML 45Page - STMicroelectronics M28W160ECT85N6S Datasheet HTML 46Page - STMicroelectronics M28W160ECT85N6S Datasheet HTML 47Page - STMicroelectronics M28W160ECT85N6S Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
M28W160ECT, M28W160ECB
44/50
Figure 21. Erase Suspend & Resume Flowchart and Pseudo Code
Write 70h
AI03542b
Read Status
Register
YES
NO
b7 = 1
YES
NO
b6 = 1
Erase Continues
Write D0h
Read data from
another block
or
Program/Protection Program
or
Block Protect/Unprotect/Lock
Start
Write B0h
Erase Complete
Write FFh
Read Data
Write FFh
erase_suspend_command ( ) {
writeToFlash (any_address, 0xB0) ;
writeToFlash (any_address, 0x70) ;
/* read status register to check if
erase has already completed */
do {
status_register=readFlash (any_address) ;
/* E or G must be toggled*/
} while (status_register.b7== 0) ;
if (status_register.b6==0) /*erase completed */
{ writeToFlash (any_address, 0xFF) ;
read_data ( ) ;
/*read data from another block*/
/*The device returns to Read Array
(as if program/erase suspend was not issued).*/
}
else
{ writeToFlash (any_address, 0xFF) ;
read_program_data ( );
/*read or program data from another address*/
writeToFlash (any_address, 0xD0) ;
/*write 0xD0 to resume erase*/
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50