| データシートサーチシステム |
|
TMP320LC2402AVFS データシート(PDF) 87 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320LC2402AVFS データシート(HTML) 87 Page - Texas Instruments |
|
87 / 134 page ![]() TMS320LF2407A, TMS320LF2406A, TMS320LF2403A, TMS320LF2402A TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A DSP CONTROLLERS SPRS145K − JULY 2000 − REVISED AUGUST 2005 87 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 TIMING EVENT MANAGER INTERFACE PWM timing PWM refers to all PWM outputs on EVA and EVB. switching characteristics over recommended operating conditions for PWM timing [H = 0.5tc(CO)] (see Figure 35) PARAMETER MIN MAX UNIT tw(PWM)† Pulse duration, PWMx output high/low 2H+5 ns td(PWM)CO Delay time, CLKOUT low to PWMx output switching 15 ns † PWM outputs may be 100%, 0%, or increments of tc(CO) with respect to the PWM period. timing requirements‡ [H = 0.5tc(CO)] (see Figure 36) MIN MAX UNIT tw(TMRDIR) Pulse duration, TMRDIR low/high 4H+5 ns tw(TMRCLK) Pulse duration, TMRCLK low as a percentage of TMRCLK cycle time 40 60 % twh(TMRCLK) Pulse duration, TMRCLK high as a percentage of TMRCLK cycle time 40 60 % tc(TMRCLK) Cycle time, TMRCLK 4 tc(CO) ns ‡ Parameter TMRDIR is equal to the pin TDIRx, and parameter TMRCLK is equal to the pin TCLKINx. tw(PWM) td(PWM)CO PWMx CLKOUT Figure 35. PWM Output Timing CLKOUT tw(TMRDIR) TMRDIR† † Parameter TMRDIR is equal to the pin TDIRx. Figure 36. TMRDIR Timing |