データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M28W320ECT10N6T データシート(PDF) 46 Page - STMicroelectronics

部品番号 M28W320ECT10N6T
部品情報  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320ECT10N6T データシート(HTML) 46 Page - STMicroelectronics

Back Button M28W320ECT10N6T Datasheet HTML 42Page - STMicroelectronics M28W320ECT10N6T Datasheet HTML 43Page - STMicroelectronics M28W320ECT10N6T Datasheet HTML 44Page - STMicroelectronics M28W320ECT10N6T Datasheet HTML 45Page - STMicroelectronics M28W320ECT10N6T Datasheet HTML 46Page - STMicroelectronics M28W320ECT10N6T Datasheet HTML 47Page - STMicroelectronics M28W320ECT10N6T Datasheet HTML 48Page - STMicroelectronics M28W320ECT10N6T Datasheet HTML 49Page - STMicroelectronics M28W320ECT10N6T Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
M28W320ECT, M28W320ECB
46/53
Figure 21. Erase Flowchart and Pseudo Code
Note: If an error is found, the Status Register must be cleared before further Program/Erase operations.
Write 20h
AI03541b
Start
Write Block
Address & D0h
Read Status
Register
YES
NO
b7 = 1
YES
NO
b3 = 0
YES
b4, b5 = 1
VPP Invalid
Error (1)
Command
Sequence Error (1)
NO
NO
b5 = 0
Erase Error (1)
End
YES
NO
b1 = 0
Erase to Protected
Block Error (1)
YES
erase_command ( blockToErase ) {
writeToFlash (any_address, 0x20) ;
writeToFlash (blockToErase, 0xD0) ;
/* only A12-A20 are significannt */
/* Memory enters read status state after
the Erase Command */
} while (status_register.b7== 0) ;
do {
status_register=readFlash (any_address) ;
/* E or G must be toggled*/
if (status_register.b3==1) /*VPP invalid error */
error_handler ( ) ;
if ( (status_register.b4==1) && (status_register.b5==1) )
/* command sequence error */
error_handler ( ) ;
if (status_register.b1==1) /*program to protect block error */
error_handler ( ) ;
if ( (status_register.b5==1) )
/* erase error */
error_handler ( ) ;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53