| データシートサーチシステム |
|
M28W320ECT90ZB6T データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W320ECT90ZB6T データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 53 page ![]() M28W320ECT, M28W320ECB 8/53 Figure 5. Block Addresses Note: Also see Appendix A, Tables 24 and 25 for a full listing of the Block Addresses. Figure 6. Protection Register Memory Map AI05519 4 KWords 1FFFFF 1FF000 32 KWords 00FFFF 008000 32 KWords 007FFF 000000 M28W320ECT Top Boot Block Addresses 4 KWords 1F8FFF 1F8000 32 KWords 1F0000 1F7FFF Total of 8 4 KWord Blocks Total of 63 32 KWord Blocks 4 KWords 1FFFFF 1F8000 32 KWords 32 KWords 000FFF 000000 M28W320ECB Bottom Boot Block Addresses 4 KWords 1F7FFF 00FFFF 32 KWords 1F0000 008000 Total of 63 32 KWord Blocks Total of 8 4 KWord Blocks 007FFF 007000 AI05520 User Programmable OTP Unique device number Protection Register Lock 2(1) 10 8Ch 85h 84h 81h 80h PROTECTION REGISTER Note1. Bit 2 of the Protection Register Lock must not be programmed to 0. |