データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP9902T-2E/9Q データシート(PDF) 39 Page - Microchip Technology

部品番号 MCP9902T-2E/9Q
部品情報  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9902T-2E/9Q データシート(HTML) 39 Page - Microchip Technology

Back Button MCP9902T-2E/9Q Datasheet HTML 35Page - Microchip Technology MCP9902T-2E/9Q Datasheet HTML 36Page - Microchip Technology MCP9902T-2E/9Q Datasheet HTML 37Page - Microchip Technology MCP9902T-2E/9Q Datasheet HTML 38Page - Microchip Technology MCP9902T-2E/9Q Datasheet HTML 39Page - Microchip Technology MCP9902T-2E/9Q Datasheet HTML 40Page - Microchip Technology MCP9902T-2E/9Q Datasheet HTML 41Page - Microchip Technology MCP9902T-2E/9Q Datasheet HTML 42Page - Microchip Technology MCP9902T-2E/9Q Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
 2015-2016 Microchip Technology Inc.
DS20005382C-page 39
MCP9902/3/4
B
A
0.05 C
0.05 C
0.10
C A B
0.05
C
(DATUM A)
(DATUM B)
C
SEATING
PLANE
NOTE 1
12
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
NOTE 1
0.05
C A B
0.05 C
Microchip Technology Drawing C04-261A Sheet 1 of 2
8-Lead Very, Very Thin Plastic Dual Flat, No Lead Package (RW) - 2x2 mm Body [WDFN]
2X
E
D
12
N
E2
D2
2X CH
(K)
8X b
e
L
A
(A3)
0.05 C
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50