| データシートサーチシステム |
|
MCP9804T-E/MS データシート(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9804T-E/MS データシート(HTML) 21 Page - Microchip Technology |
|
21 / 52 page ![]() © 2009-2012 Microchip Technology Inc. DS22203C-page 21 MCP9804 FIGURE 5-3: Timing Diagram for Reading from the Configuration Register (see Section 4.0 “Serial Communication”). SDA A C K 00 1 1 A Configuration Pointer 00 0 0 A C K S 2 A 1 A 0 1 2 3 4 567 8 1 2 345 6 7 8 SCL 0 Address Byte A C K 0 011 A MSB Data A C K N A K S P 2 A 1 A 0 123 45 6 7 8 1 2 345 6 7 8 12 3 4 567 8 Address Byte LSB Data R MCP9804 MCP9804 MCP9804 Master Master W SDA SCL 00 1 00 00 0 00 0 0 0 0 0 1 00 0 Reading the CONFIG Register: Note: It is not necessary to select the Register Pointer if it was set from the previous read/write. Note: This is an example routine (see Appendix A: “Source Code”). i2c_start(); // send START command i2c_write(AddressByte & 0xFE); //WRITE Command (see Section 4.1.4 “Address Byte”) //also, make sure bit 0 is cleared ‘0’ i2c_write(0x01); // Write CONFIG Register i2c_start(); // send Repeat START command i2c_write(AddressByte | 0x01); //READ Command //also, make sure bit 0 is set ‘1’ UpperByte = i2c_read(ACK); // READ 8 bits //and Send ACK bit LowerByte = i2c_read(NAK); // READ 8 bits //and Send NAK bit i2c_stop(); // send STOP command |