データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS6200 データシート(PDF) 25 Page - ams AG

部品番号 AS6200
部品情報  The AS6200 IC is a high accuracy temperature sensor system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS6200 データシート(HTML) 25 Page - ams AG

Back Button AS6200 Datasheet HTML 21Page - ams AG AS6200 Datasheet HTML 22Page - ams AG AS6200 Datasheet HTML 23Page - ams AG AS6200 Datasheet HTML 24Page - ams AG AS6200 Datasheet HTML 25Page - ams AG AS6200 Datasheet HTML 26Page - ams AG AS6200 Datasheet HTML 27Page - ams AG AS6200 Datasheet HTML 28Page - ams AG AS6200 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
ams Datasheet
Page 25
[v1-01] 2016-Jun-17
Document Feedback
AS6200 − Detailed Descriptions
Figure 33:
Timing Diagram for Word Read
12
34
56
7
8
91
23
456
7
8
9
SCL
SDA
10
01
0
A1
A0
R/W
0
0
0
000
IX1
IX0
Start
by master
Values are defined by
ADD0 pin setting
Frame 1: Slave Address Byte
Frame 2: Index Register Byte
12
34
56
7
8
9
1
2
345
67
89
SCL
SDA
Frame 3: Slave AddressByte
Frame 4: Register MSB Data Byte
D6
D5
D4
D3
D2
D1
D7
D0
(Continued)
(Continued)
Acknowledge
by slave
Acknowledge
by slave
Acknowledge
by slave
Stop
by master
10
01
0
A1
R/W
A0
Start
by master
Acknowledge
by master
12
345
67
89
Frame 5: Register LSBData Byte
D6
D5
D4
D3
D2
D1
D7
D0
Acknowledge
by master
Stop
by master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35