| データシートサーチシステム |
|
TUSB1002IRGET データシート(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB1002IRGET データシート(HTML) 17 Page - Texas Instruments |
|
17 / 28 page ![]() 17 TUSB1002 www.ti.com SLLSEU4A – MAY 2016 – REVISED MAY 2016 Product Folder Links: TUSB1002 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated 7.7 U2/U3 Mode Next to the disconnect mode, the U2/U3 mode is next lowest power state. While in this mode, the TUSB1002 periodically performs far-end receiver detection. Anytime the far-end receiver termination is not detected on either CH1 or CH2, the TUSB1002 leaves the U2/U3 mode and transition to the Disconnect mode. It also monitors the SSRX1 and SSRX2 for a valid LFPS. Upon detection of a valid LFPS, the TUSB1002 immediately transitions to the U0 mode. When SLP_S0# is asserted low and the TUSB1002 is in U2/U3 mode, the TUSB1002 remains in U2/U3 state and never perform far-end receiver detection. While in this state, the TUSB1002 ignores LFPS signaling. This allows even lower TUSB1002 power consumption while in the U2/U3 mode. Once SLP_S0# is asserted high, the TUSB1002 again starts performing far-end receive as well as monitor LFPS so it can know when to exit the U2/U3 mode. |