| データシートサーチシステム |
|
XP-E2 データシート(PDF) 33 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
XP-E2 データシート(HTML) 33 Page - Cree, Inc |
|
33 / 39 page ![]() 33 33 Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 33 XLamp® Xp-E2 LED bin AnD orDEr CoDE ForMAts XP-C bin codes and order codes are configured in the following manner: order Code bin Code SSSCCC-BD-HHHH-NNNNN Internal code Color BWT = Gen 2 White BRY = Gen 2 Royal Blue BBL = Gen 2 Blue BGR = Gen 2 Green BPA = Gen 2 PC Amber BAM = Gen 2 Amber BRO = Gen 2 Red-Orange BRD = Gen 2 Red Series XPE = XP-E Color specification 01 = Outdoor White L1 = Standard CRI H1 = 80 CRI minimum P1 = 85 CRI minimum U1 = 90 CRI minimum Kit Number SSSCCC-BD-WWW-FF-G-AA Series XPE = XP-E Color specification 01 = Outdoor White L1 = Standard CRI H1 = 80 CRI minimum P1 = 85 CRI minimum U1 = 90 CRI minimum Luminous or radiant flux group Internal code Voltage performance group (amber, red-orange, red) Chromaticity bin or dominant-wavelength group Color BWT = Gen 2 White BRY = Gen 2 Royal Blue BBL = Gen 2 Blue BGR = Gen 2 Green BPA = Gen 2 PC Amber BAM = Gen 2 Amber BRO = Gen 2 Red-Orange BRD = Gen 2 Red order code & bin code headings & formats are in a table |