| データシートサーチシステム |
|
XP-G2 データシート(PDF) 20 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
XP-G2 データシート(HTML) 20 Page - Cree, Inc |
|
20 / 30 page ![]() Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 20 XLamp® Xp-G2 LED CrEE’s stAnDArD CooL whitE Kits PLottED on Ansi stAnDArD ChroMAtiCity rEGions 5000 K 5700 K 6500 K 8000 K 0A 0B 0C 0D 0R 0S 0T 0U 1A 1B 1C 1D 2A 2B 2C 2D 3A 3B 1R 1S 1T 1U 2R 2S 2T 2U 3R 3S 0.28 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.36 0.37 0.38 0.39 0.40 CCx ANSI C78.377A 50 5000 K 5700 K 6500 K 8000 K 0A 0B 0C 0D 0R 0S 0T 0U 1A 1B 1C 1D 2A 2B 2C 2D 3A 3B 1R 1S 1T 1U 2R 2S 2T 2U 3R 3S 0.28 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.36 0.37 0.38 0.39 0.40 CCx ANSI C78.377A 51 5000 K 5700 K 6500 K 8000 K 0A 0B 0C 0D 0R 0S 0T 0U 1A 1B 1C 1D 2A 2B 2C 2D 3A 3B 1R 1S 1T 1U 2R 2S 2T 2U 3R 3S 0.28 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.36 0.37 0.38 0.39 0.40 CCx ANSI C78.377A 53 5000 K 5700 K 6500 K 8000 K 0A 0B 0C 0D 0R 0S 0T 0U 1A 1B 1C 1D 2A 2B 2C 2D 3A 3B 1R 1S 1T 1U 2R 2S 2T 2U 3R 3S 0.28 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.36 0.37 0.38 0.39 0.40 CCx ANSI C78.377A E1 5000 K 5700 K 6500 K 8000 K 0A 0B 0C 0D 0R 0S 0T 0U 1A 1B 1C 1D 2A 2B 2C 2D 3A 3B 1R 1S 1T 1U 2R 2S 2T 2U 3R 3S 0.28 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.36 0.37 0.38 0.39 0.40 CCx ANSI C78.377A E2 |