| データシートサーチシステム |
|
XP-L データシート(PDF) 17 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
XP-L データシート(HTML) 17 Page - Cree, Inc |
|
17 / 35 page ![]() Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo and SC5 Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 17 XLamp® Xp-L LED PErForMAnCE grouPs – LuMInous FLuX XLamp XP-L LEDs are tested for luminous flux and placed into one of the following luminous-flux groups: group Code Minimum Luminous Flux (lm) @ 1050 mA Maximum Luminous Flux (lm) @ 1050 mA T3 220 240 T4 240 260 T5 260 280 T6 280 300 U2 300 320 U3 320 340 U4 340 360 U5 360 380 U6 380 400 v2 400 420 v3 420 440 v4 440 460 v5 460 480 v6 480 500 W2 500 520 W3 520 540 |