データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MRKC2021A-R-01B-Z データシート(PDF) 2 Page - Copal Electronics

部品番号 MRKC2021A-R-01B-Z
部品情報  Key Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MRKC2021A-R-01B-Z データシート(HTML) 2 Page - Copal Electronics

  MRKC2021A-R-01B-Z Datasheet HTML 1Page - Copal Electronics MRKC2021A-R-01B-Z Datasheet HTML 2Page - Copal Electronics MRKC2021A-R-01B-Z Datasheet HTML 3Page - Copal Electronics MRKC2021A-R-01B-Z Datasheet HTML 4Page - Copal Electronics MRKC2021A-R-01B-Z Datasheet HTML 5Page - Copal Electronics MRKC2021A-R-01B-Z Datasheet HTML 6Page - Copal Electronics MRKC2021A-R-01B-Z Datasheet HTML 7Page - Copal Electronics MRKC2021A-R-01B-Z Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
■Angle of Throw
45
°step
60
°step
90
°step
■Key Removable Position
Code
Key position
ⅠⅡⅢⅣ
A
○○
−−
B
○
×−−
C
×
○
−−
D
○○○○
E
×
○○
−
F
××
○
−
G
○○
×−
H
○
×
○
−
K
○
××−
L
×
○
×−
○:Removable
×:Not removable
■ SpeciÄcations
Rating
0.4VA max.
(20VDC max.)
Initial contact resistance 200m
Ω max.
(0.5mA 200μVAC)
Dielectric strength
250VAC 1 minute
Insulation resistance
100M
Ω min.
(100VDC)
Electrical life
10,000 cycles
Operating force
MRK
2.94
±0.98N・cm
MRKC 2.94
±1.47N・cm
Operating
temperature range
−20℃∼+70℃
Storage
temperature range
−40℃∼+80℃
MRK
・MRKC
■ Standard Accessories
《Supplied with switch》
Part name
Key
Series
MRK
MRKC
Part No.
140007050010
140009002602
140009003061
Dimensions
Key type "01"
Key type "01B"
Grip material
Plastic
Metal
Plastic
● Each switch comes with two keys.
Shown in PositionⅡ
Shown in PositionⅡ
Shown in PositionⅠ



Html Pages

1 2 3 4 5 6 7 8