データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P0102BL データシート(PDF) 4 Page - STMicroelectronics

部品番号 P0102BL
部品情報  0.25A SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0102BL データシート(HTML) 4 Page - STMicroelectronics

  P0102BL Datasheet HTML 1Page - STMicroelectronics P0102BL Datasheet HTML 2Page - STMicroelectronics P0102BL Datasheet HTML 3Page - STMicroelectronics P0102BL Datasheet HTML 4Page - STMicroelectronics P0102BL Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P0102BL
4/5
Fig. 7: Relative variation of dV/dt immunity
versus gate-cathode capacitance (typical values).
Fig. 8: Surge peak on-state current versus
number of cycles.
Fig. 9:
Non-repetitive
surge peak on-state
current
for
a
sinusoidal
pulse
with
width
tp < 10ms, and corresponding value of I²t.
Fig. 10: On-state characteristics (maximum
values).
Fig. 11: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board FR4, copper thickness: 35
µm).
0123
4567
0
2
4
6
8
10
VD = 0.67 x VDRM
Tj = 125 °C
Rgk = 1k
Ω
dV/dt[Cgk] / dV/dt [Rgk = 1k
Ω]
Cgk(nF)
ITSM(A)
Number of cycles
1
0
1
2
3
4
5
6
7
10
100
1000
0.01
0.10
1.00
10.00
0.1
1.0
10.0
100.0
ITSM(A),I 2t(A2s)
Tj initial = 25 °C
ITSM
I2t
tp(ms)
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
1E-2
1E-1
1E+0
1E+1
ITM(A)
Tj max.:
Vto = 1.00 V
Rd = 1
Ω
Tj = Tj max.
Tj = 25°C
VTM(V)
0
1020
30405060
708090
100
0
100
200
300
400
500
Rth(j-a) (°C/W)
S (mm2)



Html Pages

1 2 3 4 5