データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M28W160ECT70N6U データシート(PDF) 34 Page - STMicroelectronics

部品番号 M28W160ECT70N6U
部品情報  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W160ECT70N6U データシート(HTML) 34 Page - STMicroelectronics

Back Button M28W160ECT70N6U Datasheet HTML 30Page - STMicroelectronics M28W160ECT70N6U Datasheet HTML 31Page - STMicroelectronics M28W160ECT70N6U Datasheet HTML 32Page - STMicroelectronics M28W160ECT70N6U Datasheet HTML 33Page - STMicroelectronics M28W160ECT70N6U Datasheet HTML 34Page - STMicroelectronics M28W160ECT70N6U Datasheet HTML 35Page - STMicroelectronics M28W160ECT70N6U Datasheet HTML 36Page - STMicroelectronics M28W160ECT70N6U Datasheet HTML 37Page - STMicroelectronics M28W160ECT70N6U Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
M28W160ECT, M28W160ECB
34/50
APPENDIX A. BLOCK ADDRESS TABLES
Table 23. Top Boot Block Addresses,
M28W160ECT
Table 24. Bottom Boot Block Addresses,
M28W160ECB
#
Size
(KWord)
Address Range
0
4
FF000-FFFFF
1
4
FE000-FEFFF
2
4
FD000-FDFFF
3
4
FC000-FCFFF
4
4
FB000-FBFFF
5
4
FA000-FAFFF
6
4
F9000-F9FFF
7
4
F8000-F8FFF
8
32
F0000-F7FFF
99
32
E8000-EFFFF
10
32
E0000-E7FFF
11
32
D8000-DFFFF
12
32
D0000-D7FFF
13
32
C8000-CFFFF
14
32
C0000-C7FFF
15
32
B8000-BFFFF
16
32
B0000-B7FFF
17
32
A8000-AFFFF
18
32
A0000-A7FFF
19
32
98000-9FFFF
20
32
90000-97FFF
21
32
88000-8FFFF
22
32
80000-87FFF
23
32
78000-7FFFF
24
32
70000-77FFF
25
32
68000-6FFFF
26
32
60000-67FFF
27
32
58000-5FFFF
28
32
50000-57FFF
29
32
48000-4FFFF
30
32
40000-47FFF
31
32
38000-3FFFF
32
32
30000-37FFF
33
32
28000-2FFFF
34
32
20000-27FFF
35
32
18000-1FFFF
36
32
10000-17FFF
37
32
08000-0FFFF
38
32
00000-07FFF
#
Size
(KWord)
Address Range
38
32
F8000-FFFFF
37
32
F0000-F7FFF
36
32
E8000-EFFFF
35
32
E0000-E7FFF
34
32
D8000-DFFFF
33
32
D0000-D7FFF
32
32
C8000-CFFFF
31
32
C0000-C7FFF
30
32
B8000-BFFFF
29
32
B0000-B7FFF
28
32
A8000-AFFFF
27
32
A0000-A7FFF
26
32
98000-9FFFF
25
32
90000-97FFF
24
32
88000-8FFFF
23
32
80000-87FFF
22
32
78000-7FFFF
21
32
70000-77FFF
20
32
68000-6FFFF
19
32
60000-67FFF
18
32
58000-5FFFF
17
32
50000-57FFF
16
32
48000-4FFFF
15
32
40000-47FFF
14
32
38000-3FFFF
13
32
30000-37FFF
12
32
28000-2FFFF
11
32
20000-27FFF
10
32
18000-1FFFF
9
32
10000-17FFF
8
32
08000-0FFFF
7
4
07000-07FFF
6
4
06000-06FFF
5
4
05000-05FFF
4
4
04000-04FFF
3
4
03000-03FFF
2
4
02000-02FFF
1
4
01000-01FFF
0
4
00000-00FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50