| データシートサーチシステム |
|
ST7MC2 データシート(PDF) 304 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC2 データシート(HTML) 304 Page - STMicroelectronics |
|
304 / 308 page ![]() ST7MC1/ST7MC2 304/308 LD PFDDR,A; Write into PFDDR LD A,#$ff LD PFOR,A ; Write to PFOR LD A,PFDR AND A,#$02 LD Y,A ; store the level after writing to PxOR/ PxDDR LD A,X ; check for falling edge cp A,#$02 jrne OUT TNZ Y jrne OUT LD A,#$01 LD sema,A ; set the semaphore to '1' if edge is detected RIM ; reset the interrupt mask LD A,sema ; check the semaphore status CP A,#$01 jrne OUT call call_routine; call the interrupt routine RIM OUT: RIM JP while_loop .call_routine ; entry to call_routine PUSH A PUSH X PUSH CC .ext1_rt ; entry to interrupt routine LD A,#$00 LD sema,A IRET |