データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7MC2 データシート(PDF) 45 Page - STMicroelectronics

部品番号 ST7MC2
部品情報  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2 データシート(HTML) 45 Page - STMicroelectronics

Back Button ST7MC2 Datasheet HTML 41Page - STMicroelectronics ST7MC2 Datasheet HTML 42Page - STMicroelectronics ST7MC2 Datasheet HTML 43Page - STMicroelectronics ST7MC2 Datasheet HTML 44Page - STMicroelectronics ST7MC2 Datasheet HTML 45Page - STMicroelectronics ST7MC2 Datasheet HTML 46Page - STMicroelectronics ST7MC2 Datasheet HTML 47Page - STMicroelectronics ST7MC2 Datasheet HTML 48Page - STMicroelectronics ST7MC2 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 308 page
background image
ST7MC1/ST7MC2
45/308
INTERRUPTS (Cont’d)
Figure 24. External Interrupt Control bits
IS20
IS21
EICR
SENSITIVITY
CONTROL
PAOR.7
PADDR.7
PA7
ei1 INTERRUPT SOURCE
PORT A3, PORT A[7:5] INTERRUPTS
PA7
PA6
PA5
PA3
IS10
IS11
EICR
SENSITIVITY
CONTROL
PCOR.0
PCDDR.0
PC0
ei2 INTERRUPT SOURCE
PORT C0, PORT B[7:6] INTERRUPTS
PC0
PB7
PB6
IS30
IS31
EICR
SENSITIVITY
CONTROL
PDOR.6
PDDDR.6
IPA BIT
PD6
ei0 INTERRUPT SOURCE
PORT D [6:4] INTERRUPTS
PD6
PD5
PD4
IS30
IS31
EICR
SENSITIVITY
CONTROL
PDOR.3
PDDDR.3
PD3
ei0 INTERRUPT SOURCE
PORT D [3:1] INTERRUPTS
PD3
PD2
PD1
IS10
IS11
EICR
SENSITIVITY
CONTROL
PCOR.3
PCDDR.3
IPB BIT
PC3
ei2 INTERRUPT SOURCE
PORT C [3:1] INTERRUPTS
PC3
PC2
PC1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More