| データシートサーチシステム |
|
PA-830-351V-R2 データシート(PDF) 1 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PA-830-351V-R2 データシート(HTML) 1 Page - Copal Electronics |
|
1 / 4 page ![]() Part name Material Housing “O” ring(P15 or P12.5) Sealed liquid Compensation resistor board Fitting 1 2 3 4 5 1 2 53 4 Aluminum Fluoro-rubber SUS 316L Ceramic Silicone oil INTERNAL STRUCTURE PA-830 (G 1/8) O High corrosion resistance by double diaphragm structure O Built-in amplifier circuit O 2 types to choose from (Gauge and Absolute pressures) O Incorporating temperature compensation function (0 ~ 50 °C) O Voltage output mode O Available with a ※VCR® fitting ■ FEATURES ■ MODEL NUMBER DESIGNATION P A - 8 3 0 - 1 0 2 A - 0 5 Series name Rated pressure range 101 :0 ~ 9.8 kPa {0 ~ 0.1 kgf/cm2} 351 :0 ~ 34.3 kPa {0 ~ 0.35 kgf/cm2} 501 :0 ~ 49.0 kPa {0 ~ 0.5 kgf/cm2} 102 :0 ~ 98.1 kPa {0 ~ 1 kgf/cm2} 352 :0 ~ 343 kPa {0 ~ 3.5 kgf/cm2} 103 :0 ~ 981 kPa {0 ~ 10 kgf/cm2} Thermal error/Fitting 05 : ± 0.05 % F.S./°C, G 1/8 10 : ± 0.1 % F.S./°C, G 1/8 R2 : ± 0.05 % F.S./°C, R 1/4 VCR : ± 0.05 % F.S./°C, VCR® Pressure reference G :Gauge A :Absolute V :Gauge (Vacuum) ※Please refer to the LIST OF MODEL NUMBERS when placing orders. ※VCR® is a registered trade name of Cajon Co. CAJON® is a registered trade name of Swagelok Co. Note: For handling of VCR fittings, please contact a service center of Swagelok Co. PRESSURE TRANSDUCERS WITH AMP. PA-830 |
同様の部品番号 - PA-830-351V-R2 |
|
同様の説明 - PA-830-351V-R2 |