データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST92185B2T1 データシート(PDF) 84 Page - STMicroelectronics

部品番号 ST92185B2T1
部品情報  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B2T1 データシート(HTML) 84 Page - STMicroelectronics

Back Button ST92185B2T1 Datasheet HTML 80Page - STMicroelectronics ST92185B2T1 Datasheet HTML 81Page - STMicroelectronics ST92185B2T1 Datasheet HTML 82Page - STMicroelectronics ST92185B2T1 Datasheet HTML 83Page - STMicroelectronics ST92185B2T1 Datasheet HTML 84Page - STMicroelectronics ST92185B2T1 Datasheet HTML 85Page - STMicroelectronics ST92185B2T1 Datasheet HTML 86Page - STMicroelectronics ST92185B2T1 Datasheet HTML 87Page - STMicroelectronics ST92185B2T1 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 178 page
background image
84/178
ST92185B - DISPLAY STORAGE RAM INTERFACE
7.3 DISPLAY STORAGE RAM INTERFACE
7.3.1 Introduction
The Display RAM (TDSRAM) is used to hold the
OSD data for display.
It can be shared by the following units:
– Display Unit (DIS). This OSD generator is de-
scribed in a separate chapter.
– CPU accesses for control.
The necessary time slots are provided to each unit
for realtime response.
FEATURES:
s
Memory mapped in CPU Memory Space
s
Direct CPU access without significant slowdown
Figure 48. General Block Diagram
VR02094B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More