| データシートサーチシステム |
|
ST92185B3BN1 データシート(PDF) 90 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92185B3BN1 データシート(HTML) 90 Page - STMicroelectronics |
|
90 / 178 page ![]() 90/178 ST92185B - ON SCREEN DISPLAY (OSD) ON SCREEN DISPLAY (Cont’d) Figure 49. Display Block Diagram Full Screen Def. Backg Def. Foreg Cur. Backg Shift Register (10b) Parallel Attributes Character Code Cur. Foreg Attributes Decoding RAM INTERFACE Pixel Control R G B Line Counter Row Counter Pixel Counter Char Counter VPOS HPOS Char Cursor Row Cursor Comp 10/20 Comp 10/20 Gen RAM Add Gen ROM Add ROM MOSAIC PLA Comp VPOS Comp HPOS Fast Blanking FB Gen PLA Cmd TRB mux mux L1/L1+ L1/L1+ RAM INTERFACE PIXEL CURSOR CONTROL SCROLLING CONTROL RAM @ Scroll 1 Row Scroll N Row Mode Ctrl Char Decoding CONTROL ST9 Access On Hsync On Ckpix Serial/Parallel Attributes VR02112E TSLU |