データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST92185B3BN1 データシート(PDF) 107 Page - STMicroelectronics

部品番号 ST92185B3BN1
部品情報  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3BN1 データシート(HTML) 107 Page - STMicroelectronics

Back Button ST92185B3BN1 Datasheet HTML 103Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 104Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 105Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 106Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 107Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 108Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 109Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 110Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 178 page
background image
107/178
ST92185B - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
7.4.4.8 Example of using Double Size Attribute
In parallel mode, Double Size characters can be
obtained as follows. This attribute concerns two
consecutive rows. The character to magnify must
be repeated on the two rows. Bits 2 and 3 of the
shape attribute must be set on the two locations. In
addition bit 4 must be set or reset to define the top
or bottom half-character.
Figure 66. Double Size Examples
Display
Attribute
location
Character
location
Double size
Double Height
2 ROWS
Double size
upper half
DH
DS
UH=1
DH
DS
UH=0
Double size
lower half
A
A
NF
NF
A
Double Height
VR02115J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More