データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7MC1K2TC データシート(PDF) 6 Page - STMicroelectronics

部品番号 ST7MC1K2TC
部品情報  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC データシート(HTML) 6 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 2Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 3Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 4Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 5Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 6Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 7Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 8Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 9Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 308 page
background image
ST7MC1/ST7MC2
6/308
2 PIN DESCRIPTION
Figure 2. 80-Pin LQFP 14x14 Package Pinout
2
1
3
4
5
6
7
8
10
9
12
14
16
18
20
11
15
13
17
19
57
58
56
55
54
53
52
51
49
50
47
45
43
41
48
44
46
42
60
59
PD3 / ICAP1_A / AIN13
PD2 / ICAP2_A / AIN12
PD1 (HS) / OCMP1_A
PF0 / MCDEM / AIN8
VDD_0
VSS_0
VSSA
PD0 / OCMP2_A / AIN11
PH3
PH2
PH1
PF4 (HS)
PF1 / MCZEM / AIN9
PG1
PG2
PG3
OSC1
AIN2 / PA7
VDD_1
PG0
OSC2
PWM3 / PA0
PWM2 / (HS) PA1
PWM1 / PA2
AIN0 / PWM0 / PA3
ARTCLK / (HS) PA4
AIN1 / ARTIC1 / PA5
ARTIC2 / PA6
(HS) MCO3
(HS) MCO4
(HS) MCO5
RESET
PF3 (HS) / BEEP
PF5 (HS)
PH0
VAREF
PC7 / MCPWMW / AIN7
PF2 / MCO / AIN10
VSS_1
ei0
ei2
ei2
ei1
ei1
(HS) 20mA high sink capability
eix
associated external interrupt vector
MCES
* Once the MTC peripheral is ON, the pin PC4 is configured to an alternate function. PC4 is no longer usable as a digital I/O
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More