| データシートサーチシステム |
|
TAS5518PAG データシート(PDF) 94 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5518PAG データシート(HTML) 94 Page - Texas Instruments |
|
94 / 102 page ![]() Serial Control Interface Register Definitions 85 SLES115 — August 2004 TAS5518 Table 6−38. Channel 6 and 5 (Right and Left Lineout in Six Channel Configuration Right and Left Surround in Eight Channel Configuration) D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION 0 0 0 0 0 0 0 0 No change 0 0 0 0 0 0 0 1 Bass filter set 1 0 0 0 0 0 0 1 0 Bass filter set 2 0 0 0 0 0 1 1 1 Bass filter set 3 0 0 0 0 0 1 0 0 Bass filter set 4 0 0 0 0 0 1 0 1 Bass filter set 5 0 0 0 0 0 1 1 0 Illegal 0 0 0 0 0 1 1 1 Illegal Table 6−39. Channel 4 and 3 (Right and Left Rear) D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION 0 0 0 0 0 0 0 0 No change 0 0 0 0 0 0 0 1 Bass filter set 1 0 0 0 0 0 0 1 0 Bass filter set 2 0 0 0 0 0 1 1 1 Bass filter set 3 0 0 0 0 0 1 0 0 Bass filter set 4 0 0 0 0 0 1 0 1 Bass filter set 5 0 0 0 0 0 1 1 0 Illegal 0 0 0 0 0 1 1 1 Illegal Table 6−40. Channel 7, 2, 1 (Center, Right Front, and Left Front) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 0 0 0 0 0 0 0 No change 0 0 0 0 0 0 0 1 Bass filter set 1 0 0 0 0 0 0 1 0 Bass filter set 2 0 0 0 0 0 1 1 1 Bass filter set 3 0 0 0 0 0 1 0 0 Bass filter set 4 0 0 0 0 0 1 0 1 Bass filter set 5 0 0 0 0 0 1 1 0 Illegal 0 0 0 0 0 1 1 1 Illegal 6.31 Bass Filter Index Register (0xDB) Index values above 0x24 are invalid. Table 6−41. Bass Filter Index Register I2C SUBADDRESS TOTAL BYTES REGISTER NAME DESCRIPTION OF CONTENTS DEFAULT STATE 0xDB Bass filter index (BFI) 4 Ch8_BFI (31:24), Ch65_BFI (23:16), Ch43_BFI (15:8), Ch721_BFI (7:0) 0x12, 0x12, 0x12, 0x12, |