データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MRF89XAM8A データシート(PDF) 21 Page - Microchip Technology

部品番号 MRF89XAM8A
部品情報  868 MHz Ultra-Low Power
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XAM8A データシート(HTML) 21 Page - Microchip Technology

Back Button MRF89XAM8A Datasheet HTML 17Page - Microchip Technology MRF89XAM8A Datasheet HTML 18Page - Microchip Technology MRF89XAM8A Datasheet HTML 19Page - Microchip Technology MRF89XAM8A Datasheet HTML 20Page - Microchip Technology MRF89XAM8A Datasheet HTML 21Page - Microchip Technology MRF89XAM8A Datasheet HTML 22Page - Microchip Technology MRF89XAM8A Datasheet HTML 23Page - Microchip Technology MRF89XAM8A Datasheet HTML 24Page - Microchip Technology MRF89XAM8A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
© 2010 Microchip Technology Inc.
Preliminary
DS70651A-page 19
MRF89XAM8A
3.0
REGULATORY APPROVAL
3.1
Europe
The MRF89XAM8A module conforms to the emission
and immunity standards summarized in Table 3-1. The
module tests can be applied toward final product
certification and DoC.
The European Standards do not provide a modular
approval similar to the USA (FCC) and Canada (IC).
However, the completed compliance testing can be
used as part of the customer's application for product
certification. The module test report data can be
included in the customer's product test plan and can
significantly lower customer's certification burden.
Depending on the end application, additional testing
may be required. The integrator is responsible for
testing the end product for any additional compliance
requirements that become necessary with this module
installed (for example, digital device emission, PC
peripheral requirements and so on) in the specific
country where end device is marketed.
3.1.1
HELPFUL WEB SITES
A helpful document that can be used as a starting
point in understanding the use of Short Range Devices
(SRD)
in
Europe
is
the
European
Radio
Communications Committee (ERC) Recommendation
70-03 E, can be downloaded from the following
websites:
• European Radio Communications Office (ERO):
http://www.ero.dk.
• Radio and Telecommunications Terminal
Equipment (R&TTE):
http://ec.europa.eu/enterprise/rtte/index_en.htm
• European Conference of Postal and
Telecommunications Administrations (CEPT):
http://www.cept.org/
• European Telecommunications Standards
Institute (ETSI): http://www.etsi.org/
Note:
To maintain conformance tested ETSI
standards, the module shall not be modi-
fied and settings in Section 1.3, Operation
must be observed.
TABLE 3-1:
EMISSIONS AND IMMUNITY STANDARDS TESTED
Specification
Test Method
Emission Standards
EN 300 220-2 V2.3.1 (2001–02)
7.1.2
Frequency error and drift
5.1.3.1
EN 300 220-2 V2.3.1 (2001–02)
7.3.2
Effective Radiated Power
5.1.3.3
EN 300 220-2 V2.3.1 (2001–02)
7.5.2
Transient power
5.1.3.4
EN 300 220-2 V2.3.1 (2001–02)
7.7.2
Modulation bandwidth
5.1.3.6
EN 300 220-2 V2.3.1 (2001–02)
—
Unwanted emissions on the spurious domain
5.1.3.7
EN 300 220-2 V2.3.1 (2001–02)
8.6.4
Receiver spurious radiation
5.1.4.6
Immunity Standards
EN 301 489-3 V1.4.1 (2002–08)
—
Conducted emissions
EN 55022:2007
EN 301 489-3 V1.4.1 (2002–08)
—
Radiated emissions
EN 55022:2007
EN 301 489-3 V1.4.1 (2002–08)
—
Radiated immunity
EN 61000-4-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34