| データシートサーチシステム |
|
RN42NHID データシート(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RN42NHID データシート(HTML) 18 Page - Microchip Technology |
|
18 / 26 page ![]() RN42/RN42N DS50002328A-page 18 2015 Microchip Technology Inc. 4.0 ORDERING INFORMATION Table 4-1 provides ordering information for the RN42 module. Note 1: For other configurations, contact Microchip drectly. 2: It is highly recommended that customers order part numbers by specific firmware version when available to ensure consistent receipt of their designed-in firmware version. Information on firmware versions can be found on the RN42/RN42N product web page and the “Bluetooth Data Module Command Reference and Advanced Information User’s Guide”. Go to http://www.microchip.com for current pricing and a list of distributors carrying Microchip products. TABLE 4-1: ORDERING INFORMATION(1) Part Number(1) Firmware(2) Description RN42-I/RM 6.15 Class 2, 2.1+EDR, SPP profile RN42-I/RM615 6.15 Class 2, 2.1+EDR, SPP profile RN42-I/RM477 4.77 Class 2, 2.1+EDR, SPP profile RN42HCI-I/RM N/A Class 2, 2.0+EDR, HCI over UART RN42HID-I/RM 6.11 Class 2, 2.1+EDR, HID and SPP profiles RN42U-I/RM N/A Class 2, 2.0+EDR, HCI over USB RN42APL-I/RM 5.45 Class 2, 2.1+EDR, SPP and MFi profiles RN42APL-I/RM545 5.45 Class 2, 2.1+EDR, SPP and MFi profiles RN42APL-I/RM543 5.43 Class 2, 2.1+EDR, SPP and MFi profiles RN42N-I/RM 6.15 Class 2, 2.1+EDR, SPP profile RN42NHCI-I/RM N/A Class 2, 2.0+EDR, HCI over UART RN42NHID-I/RM 6.11 Class 2, 2.1+EDR, HID and SPP profiles RN42NU-I/RM N/A Class 2, 2.0+EDR, HCI over USB RN42NAPL-I/RM 5.45 Class 2, 2.1+EDR, SPP and MFi profiles |