| データシートサーチシステム |
|
TMS320C6411 データシート(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320C6411 データシート(HTML) 13 Page - Texas Instruments |
|
13 / 119 page ![]() TMS320C6411 FIXEDPOINT DIGITAL SIGNAL PROCESSOR SPRS196H − MARCH 2002 − REVISED JULY 2004 13 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 CPU (DSP core) description (continued) .L1 .S1 .M1 .D1 .D2 .M2 .S2 .L2 src1 long dst 8 8 src2 DA1 (Address) ST1b (Store Data) ST2a (Store Data) Register File A (A0−A31) 8 8 8 8 dst Data Path A DA2 (Address) Register File B (B0− B31) LD2a (Load Data) Data Path B Control Register File ST2b (Store Data) LD1b (Load Data) 8 8 2X 1X ST1a (Store Data) See Note A See Note A LD1a (Load Data) LD2b (Load Data) See Note A See Note A 32 MSBs 32 LSBs 32 MSBs 32 LSBs 32 MSBs 32 LSBs 32 MSBs 32 LSBs src2 src1 dst long dst long src long src long dst dst src1 src2 src1 src2 src2 src1 dst src2 src1 dst src2 long dst src2 src1 dst long dst long dst long src long src long dst dst dst src2 src1 dst NOTE A: For the .M functional units, the long dst is 32 MSBs and the dst is 32 LSBs. Figure 1. TMS320C64x CPU (DSP Core) Data Paths |