| データシートサーチシステム |
|
MICRF114 データシート(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MICRF114 データシート(HTML) 32 Page - Microchip Technology |
|
32 / 34 page ![]() MICRF114 DS50002416A-page 32 Preliminary 2015 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, for example, on pricing or delivery, refer to the factory or the listed sales office. Device: MICRF114: Low-Power Integrated Sub-GHz Wireless RF Transmitter Tape and Reel Option: T = Tape and Reel Temperature Range: I= -40 C to +85C(Industrial) Package: OT = 6-Lead Plastic Small Outline Transistor Package (SOT-23) Example: MICRF114T-I/OT: Tape and Reel, Industrial temperature, 6LD SOT-23 package Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. PART NO. Device [X](1) Tape and Reel Option - X Temperature Range /XX Package |