データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RN41-I/RM477 データシート(PDF) 2 Page - Microchip Technology

部品番号 RN41-I/RM477
部品情報  Class 1 Bluetooth Module with EDR Support
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN41-I/RM477 データシート(HTML) 2 Page - Microchip Technology

  RN41-I/RM477 Datasheet HTML 1Page - Microchip Technology RN41-I/RM477 Datasheet HTML 2Page - Microchip Technology RN41-I/RM477 Datasheet HTML 3Page - Microchip Technology RN41-I/RM477 Datasheet HTML 4Page - Microchip Technology RN41-I/RM477 Datasheet HTML 5Page - Microchip Technology RN41-I/RM477 Datasheet HTML 6Page - Microchip Technology RN41-I/RM477 Datasheet HTML 7Page - Microchip Technology RN41-I/RM477 Datasheet HTML 8Page - Microchip Technology RN41-I/RM477 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
RN41/RN41N
DS50002280A-page 2
 2014 Microchip Technology Inc.
Note 1: See Section 4.0 “Ordering Information” for customer part numbers. Information on firmware versions can
be found on the RN41/RN41N product web page and the “Bluetooth Data Module Command Reference and
Advanced Information User’s Guide”.
RN41/RN41 MODULE VARIANTS(1)
Model
Antenna
Firmware
Description
RN41
Ceramic Chip
4.77, 6.15
Class 1, 2.1+EDR, SPP profile
RN41HCI
Ceramic Chip
N/A
Class 1, 2.0+EDR, HCI over UART
RN41U
Ceramic Chip
N/A
Class 1, 2.0+EDR, HCI over USB
RN41HID
Ceramic Chip
6.11
Class 1, 2.1+EDR, HID and SPP profiles
RN41APL
Ceramic Chip
5.36, 5.43, 5.45 Class 1, 2.1+EDR, SPP & MFi profiles
RN41N
External
4.77, 6.15
Class 1, 2.1+EDR, SPP profile
RN41NAPL External
5.36, 5.43, 5.45 Class 1, 2.1+EDR, SPP and MFi profiles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28