データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM358FVT データシート(PDF) 36 Page - Rohm

部品番号 LM358FVT
部品情報  Ground Sense Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

LM358FVT データシート(HTML) 36 Page - Rohm

Back Button LM358FVT Datasheet HTML 32Page - Rohm LM358FVT Datasheet HTML 33Page - Rohm LM358FVT Datasheet HTML 34Page - Rohm LM358FVT Datasheet HTML 35Page - Rohm LM358FVT Datasheet HTML 36Page - Rohm LM358FVT Datasheet HTML 37Page - Rohm LM358FVT Datasheet HTML 38Page - Rohm LM358FVT Datasheet HTML 39Page - Rohm LM358FVT Datasheet HTML 40Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200190-1-2
©2015 ROHM Co., Ltd. All rights reserved.
36/44
01.Aug.2016 Rev.005
TSZ22111・15・001
LM358xxx
LM324xxx
LM2904xxx
LM2902xxx
Physical Dimensions, Tape and Reel Information – continued
Package Name
MSOP8
Direction of feed
Reel
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
()
1pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48