| データシートサーチシステム |
|
LM334MX データシート(PDF) 10 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM334MX データシート(HTML) 10 Page - National Semiconductor (TI) |
|
10 / 14 page ![]() Typical Applications (Continued) 1.2V Reference Operates on 10 µA and 2V DS005697-20 *Select ratio of R1 to R2 to obtain zero temperature drift 1.2V Regulator with 1.8V Minimum Input DS005697-7 *Select ratio of R1 to R2 for zero temperature drift Zener Biasing DS005697-49 Alternate Trimming Technique DS005697-50 *For ±10% adjustment, select RSET 10% high, and make R1 ≈ 3RSET Buffer for Photoconductive Cell DS005697-51 FET Cascoding for Low Capacitance and/or Ultra High Output Impedance DS005697-21 *Select Q1 or Q2 to ensure at least 1V across the LM134. Vp (1 − ISET/IDSS) ≥ 1.2V. DS005697-22 www.national.com 10 |