データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AC182015-3 データシート(PDF) 6 Page - Microchip Technology

部品番号 AC182015-3
部品情報  ZENA??Wireless Adapter User?셲 Guide
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC182015-3 データシート(HTML) 6 Page - Microchip Technology

Back Button AC182015-3 Datasheet HTML 2Page - Microchip Technology AC182015-3 Datasheet HTML 3Page - Microchip Technology AC182015-3 Datasheet HTML 4Page - Microchip Technology AC182015-3 Datasheet HTML 5Page - Microchip Technology AC182015-3 Datasheet HTML 6Page - Microchip Technology AC182015-3 Datasheet HTML 7Page - Microchip Technology AC182015-3 Datasheet HTML 8Page - Microchip Technology AC182015-3 Datasheet HTML 9Page - Microchip Technology AC182015-3 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ZENA™ Wireless Adapter User’s Guide
DS70664B-page 6
© 2011-2012 Microchip Technology Inc.
CONVENTIONS USED IN THIS GUIDE
This manual uses the following documentation conventions:
DOCUMENTATION CONVENTIONS
Description
Represents
Examples
Arial font:
Italic characters
Referenced books
MPLAB® IDE User’s Guide
Emphasized text
...is the only compiler...
Initial caps
A window
the Output window
A dialog
the Settings dialog
A menu selection
select Enable Programmer
Quotes
A field name in a window or
dialog
“Save project before build”
Underlined, italic text with
right angle bracket
A menu path
File>Save
Bold characters
A dialog button
Click OK
A tab
Click the Power tab
N‘Rnnnn
A number in verilog format,
where N is the total number of
digits, R is the radix and n is a
digit.
4‘b0010, 2‘hF1
Text in angle brackets < >
A key on the keyboard
Press <Enter>, <F1>
Courier New font:
Plain Courier New
Sample source code
#define START
Filenames
autoexec.bat
File paths
c:\mcc18\h
Keywords
_asm, _endasm, static
Command-line options
-Opa+, -Opa-
Bit values
0, 1
Constants
0xFF, ‘A’
Italic Courier New
A variable argument
file.o, where file can be
any valid filename
Square brackets [ ]
Optional arguments
mcc18 [options] file
[options]
Curly brackets and pipe
character: { | }
Choice of mutually exclusive
arguments; an OR selection
errorlevel {0|1}
Ellipses...
Replaces repeated text
var_name [,
var_name...]
Represents code supplied by
user
void main (void)
{ ...
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30