| データシートサーチシステム |
|
RN52-I/RM データシート(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RN52-I/RM データシート(HTML) 9 Page - Microchip Technology |
|
9 / 26 page ![]() 2015 Microchip Technology Inc. DS70005120A-page 9 RN52 1.1.3 ANALOG-TO-DIGITAL CONVERTER (ADC) The ADC consists of two second-order sigma delta (SD) converters, resulting in two separate channels with identical functionality. Each ADC supports the following sample rates: •8 kHz •16 kHz •32 kHz • 44.1 kHz •48 kHz The ADC analog amplifier is a two-stage amplifier. The first stage selects the correct gain for either micro- phone or line input. See Figure 1-7. FIGURE 1-7: ADC ANALOG AMPLIFIER BLOCK DIAGRAM 1.1.4 DIGITAL-TO-ANALOG CONVERTER (DAC) The DAC consists of two third-order SD converters, resulting in two separate channels with identical func- tionality. Each DAC supports the following sample rates: •8 kHz •16 kHz •32 kHz • 44.1 kHz •48 kHz 1.1.4.1 Speaker Output The speaker output is capable of driving a speaker with an impedance of at least 8 ohms directly. The overall gain of the speaker output is approximately -21 dB to 0 dB in 1.5 dB steps. 1.1.4.2 Microphone Input The RN52 audio input is intended for use from 1 μA at 94 dB SPL to about 10 μA at 94 dB SPL, which requires microphones with sensitivity between –40 and –60 dBV. The RN52 microphone mode input impedance is typically 6 kohm. The line mode input impedance is typ- ically between 6 kohm and 30 kohm. The overall gain of the microphone input is approximately -3 dB to 42 dB in 1.5 dB steps. MIC_BIAS requires a minimum load to maintain regulation. MIC_BIAS maintains regulation within 0.199 and 1.229 mA. Therefore, if you use a microphone with specifications below these limits, the microphone output must be pre-loaded with a large value resistor to ground. – + – + P N Gain 0:7 Line Mode/Microphone Mode Bypass or 24-dB Gain -3 to 18 dB Gain P N |