データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RN4020 データシート(PDF) 20 Page - Microchip Technology

部品番号 RN4020
部品情報  Bluetooth Low Energy Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4020 データシート(HTML) 20 Page - Microchip Technology

Back Button RN4020 Datasheet HTML 16Page - Microchip Technology RN4020 Datasheet HTML 17Page - Microchip Technology RN4020 Datasheet HTML 18Page - Microchip Technology RN4020 Datasheet HTML 19Page - Microchip Technology RN4020 Datasheet HTML 20Page - Microchip Technology RN4020 Datasheet HTML 21Page - Microchip Technology RN4020 Datasheet HTML 22Page - Microchip Technology RN4020 Datasheet HTML 23Page - Microchip Technology RN4020 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
RN4020
DS50002279B-page 20
 2015 Microchip Technology Inc.
8.8
Taiwan
The RN4020 module has received compliance
approval in accordance with the Telecommunications
Act. Customers seeking to use the compliance
approval in their product should contact Microchip
Technology sales or distribution partners to obtain a
Letter of Authority.
Integration of this module into a final product does not
require additional radio certification provided installa-
tion instructions are followed and no modifications of
the module are allowed.
8.8.1
LABELING AND USER
INFORMATION REQUIREMENTS
The RN4020 module is labeled with its own NCC mark
and certificate number as below:
The user's manual should contain below warning (for
RF device) in traditional Chinese:
注意 !
依據 低功率電波輻射性電機管理辦法
第十二條 經型式認證合格之低功率射頻電
機,非經許可,
公司、商號或使用者均不得擅自變更頻率、
加大功率或變更原設計
之特性及功能。
第十四條 低功率射頻電機之使用不得影響飛
航安全及干擾合法通信;
經發現有干擾現象時,應立即停用,並改善
至無干擾時方得繼續使用。
前項合法通信,指依電信規定作業之無線電
信。
低功率射頻電機須忍受合法通信或工業、科
學及醫療用電波輻射性
電機設備之干擾。
8.8.2
HELPFUL WEB SITE
National Communications Commission (NCC):
http://www.ncc.gov.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28