データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RN4677 データシート(PDF) 8 Page - Microchip Technology

部品番号 RN4677
部品情報  Bluetooth 4.0 Dual Mode Module Users Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4677 データシート(HTML) 8 Page - Microchip Technology

Back Button RN4677 Datasheet HTML 4Page - Microchip Technology RN4677 Datasheet HTML 5Page - Microchip Technology RN4677 Datasheet HTML 6Page - Microchip Technology RN4677 Datasheet HTML 7Page - Microchip Technology RN4677 Datasheet HTML 8Page - Microchip Technology RN4677 Datasheet HTML 9Page - Microchip Technology RN4677 Datasheet HTML 10Page - Microchip Technology RN4677 Datasheet HTML 11Page - Microchip Technology RN4677 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
RN4677 Bluetooth® 4.0 Dual Mode Module User’s Guide
DS50002377A-page 8
 2015 Microchip Technology Inc.
CONVENTIONS USED IN THIS GUIDE
This manual uses the following documentation conventions:
DOCUMENTATION CONVENTIONS
Description
Represents
Examples
Italic characters
Referenced books
MPLAB® IDE User’s Guide
Emphasized text
...is the only compiler...
Initial caps
A window
the Output window
A dialog
the Settings dialog
A menu selection
select Enable Programmer
Quotes
A field name in a window or
dialog
“Save project before build”
Underlined, italic text with
right angle bracket
A menu path
File > Save
Bold characters
A dialog button
Click OK
A tab
Click the Power tab
Text in angle brackets < > A key on the keyboard
Press <Enter>, <F1>
Plain Courier New
Sample source code
#define START
Filenames
autoexec.bat
File paths
c:\mcc18\h
Keywords
_asm, _endasm, static
Command-line options
-Opa+, -Opa-
Bit values
0, 1
Constants
0xFF, ‘A’
Italic Courier New
A variable argument
file.o, where file can be any
valid filename
Square brackets [ ]
Optional arguments
mcc18 [options] file
[options]
Curly brackets and pipe
character: { | }
Choice of mutually exclusive
arguments; an OR selection
errorlevel {0|1}
Ellipses...
Replaces repeated text
var_name [, var_name...]
Represents code supplied by
user
void main (void)
{ ...
}
Notes
A Note presents information
that we want to re-emphasize,
either to help you avoid a
common pitfall or to make you
aware of operating differences
between some device family
members. A Note can be in a
box, or when used in a table
or figure, it is located at the
bottom of the table or figure.
Note 1: This is a note used in a
table.
Note: This is a standard
note box.
CAUTION
This is a caution note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31