データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RN4871 データシート(PDF) 19 Page - Microchip Technology

部品番号 RN4871
部品情報  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4871 データシート(HTML) 19 Page - Microchip Technology

Back Button RN4871 Datasheet HTML 15Page - Microchip Technology RN4871 Datasheet HTML 16Page - Microchip Technology RN4871 Datasheet HTML 17Page - Microchip Technology RN4871 Datasheet HTML 18Page - Microchip Technology RN4871 Datasheet HTML 19Page - Microchip Technology RN4871 Datasheet HTML 20Page - Microchip Technology RN4871 Datasheet HTML 21Page - Microchip Technology RN4871 Datasheet HTML 22Page - Microchip Technology RN4871 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 19
RN4870/71
4.4
RN4871U Module
Figure 4-10 shows the physical dimensions of the
RN4871U module. Figure 4-11 illustrates the recom-
mended PCB layout. It is highly recommended to
layout the host PCB as suggested in Figure 4-12.
Figure 4-13 shows the recommended placement for
the module on the host PCB board. For optimal
transmission and reception sensitivity, place the
module at the edge of the board.
A low-impedance ground plane ensures the best radio
performance (best range; lowest noise). Pin 1 (BT_RF)
is a 50 ohm connection that can be connected to an
external antenna such as a PCB trace antenna, a
component (chip) antenna, or through a host PCB
50 ohm micro-strip trace. This trace can be extended to
include passive parts for antenna attenuation padding,
impedance matching, or to provide test posts. It is
recommended that the micro-strip trace to be as short
as possible for minimum loss and best impedance
matching. If the micro-strip trace is longer, a 50 ohm
impedance is recommended.
FIGURE 4-10:
RN4871U MODULE DIMENSIONS
Top View
Bottom View
Side View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48