データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XRA00 データシート(PDF) 36 Page - STMicroelectronics

部品番号 XRA00
部品情報  UHF, EPCglobal, Contactless Memory IC 96 bit ePC with Inventory and Kill Function
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRA00 データシート(HTML) 36 Page - STMicroelectronics

Back Button XRA00 Datasheet HTML 32Page - STMicroelectronics XRA00 Datasheet HTML 33Page - STMicroelectronics XRA00 Datasheet HTML 34Page - STMicroelectronics XRA00 Datasheet HTML 35Page - STMicroelectronics XRA00 Datasheet HTML 36Page - STMicroelectronics XRA00 Datasheet HTML 37Page - STMicroelectronics XRA00 Datasheet HTML 38Page - STMicroelectronics XRA00 Datasheet HTML 39Page - STMicroelectronics XRA00 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
XRA00
36/40
ANTI-COLLISION FEATURES
Several features of this anti-collision approach de-
serve mention:
■
Each transaction with the XRA00 field is a self-
contained operation. A command - reply pair is
an atomic transaction requiring no knowledge
of previous events from a XRA00 for it to reply.
This feature greatly enhances robustness for
passive XRA00 devices in noisy environments
or at marginal RF power levels.
■
Related to this, the Reader maintains
information about the progress through the
binary tree. Branches that show XRA00
signals, but are not immediately explored may
be held in memory and later examined to
improve the overall throughput.
■
Readers with widely varying capabilities can
make use of the same protocol.
–
A sophisticated Reader that can perform
contention detection within a bin can
perform very rapid sorts of groups of
XRA00 devices. XRA00 devices can be
quickly isolated using a series of PingID
commands, and then read using the
ScrollID command.
–
Simple Readers without the ability to
detect contention (for example, a Reader
with only an analogue filter to look for
"XRA00-like" modulation) can still sort and
identify XRA00 devices using only the
PingID command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40