| データシートサーチシステム |
|
2N4868 データシート(PDF) 1 Page - InterFET Corporation |
|
|
|||||||||||||||||||||||||||||
2N4868 データシート(HTML) 1 Page - InterFET Corporation |
|
|
1 / 1 page ![]() 01/99 B-17 2N4867, 2N4867A, 2N4868, 2N4868A, 2N4869, 2N4869A N-Channel Silicon Junction Field-Effect Transistor Absolute maximum ratings at TA = 25¡C Reverse Gate Source & Reverse Gate Drain Voltage – 40 V Gate Current 50 mA Continuous Device Power Dissipation 300mW Power Derating 1.7 mW/°C Storage Temperature Range – 65°C to + 200°C TOÐ72 Package Dimensions in Inches (mm) Pin Configuration 1 Source, 2 Drain, 3 Gate, 4 Case Surface Mount SMP4867, SMP4867A, SMP4868, SMP4868A, SMP4869, SMP4869A 2N4867 2N4868 2N4869 At 25°C free air temperature: 2N4867A 2N4868A 2N4869A Process NJ16 Static Electrical Characteristics Min Max Min Max Min Max Unit Test Conditions Gate Source Breakdown Voltage V(BR)GSS – 40 – 40 – 40 V IG = – 1µA, VDS = ØV Gate Reverse Current IGSS – 0.25 – 0.25 – 0.25 nA VGS = – 30V, VDS = ØV – 0.25 – 0.25 – 0.25 µA VGS = – 30V, VDS = ØV TA = 150°C Gate Source Cutoff Voltage VGS(OFF) – 0.7 – 2 – 1 – 3 – 1.8 – 5 V VDS = 20V, ID = 1 µA Drain Saturation Current (Pulsed) IDSS 0.4 1.2 1 3 2.5 7.5 mA VDS = 20V, VGS = ØV Dynamic Electrical Characteristics Common Source Forward gfs 700 2000 1000 3000 1300 4000 µS VDS = 20V, VGS = ØV f = 1 kHz Transconductance Common Source Output Conductance gos 1.5 4 10 µS VDS = 20V, VGS = ØV f = 1 kHz Common Source Input Capacitance Ciss 25 25 25 pF VDS = 20V, VGS = ØV f = 1 MHz Common Source Reverse Crss 555 pF VDS = 20V, VGS = ØV f = 1 MHz Transfer Capacitance Equivalent Short Circuit ¯eN 20 20 20 nV/ √HZ VDS = 10V, VGS = ØV f = 10 Hz Input Noise Voltage 10 10 10 nV/ √HZ VDS = 10V, VGS = ØV f = 1 kHz VDS = 10V, VGS = ØV f = 1 kHz Noise Figure NF 1 1 1 dB (2N4867, 68, 69) RG = 20 kΩ (2N4867A, 68A, 69A) RG = 5 kΩ ¥ Audio Amplifiers 1000 N. Shiloh Road, Garland, TX 75042 (972) 487-1287 FAX (972) 276-3375 www.interfet.com Databook.fxp 1/14/99 12:00 PM Page B-17 |
同様の部品番号 - 2N4868 |
|
同様の説明 - 2N4868 |