データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM138K データシート(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM138K
部品情報  5-Amp Adjustable Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM138K データシート(HTML) 9 Page - National Semiconductor (TI)

Back Button LM138K Datasheet HTML 5Page - National Semiconductor (TI) LM138K Datasheet HTML 6Page - National Semiconductor (TI) LM138K Datasheet HTML 7Page - National Semiconductor (TI) LM138K Datasheet HTML 8Page - National Semiconductor (TI) LM138K Datasheet HTML 9Page - National Semiconductor (TI) LM138K Datasheet HTML 10Page - National Semiconductor (TI) LM138K Datasheet HTML 11Page - National Semiconductor (TI) LM138K Datasheet HTML 12Page - National Semiconductor (TI) LM138K Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Typical Applications
Precision Power Regulator with Low Temperature Coefficient
DS009060-12
* Adjust for 3.75 across R1
Slow Turn-On 15V Regulator
DS009060-13
Adjustable Regulator with Improved Ripple Rejection
DS009060-14
†Solid tantalum
*Discharges C1 if output is shorted to ground
**R1 = 240
Ω for LM138
High Stability 10V Regulator
DS009060-15
Digitally Selected Outputs
DS009060-16
*Sets maximum VOUT
**R1 = 240
Ω for LM138
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16