| データシートサーチシステム |
|
ADE3000SXT データシート(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3000SXT データシート(HTML) 58 Page - STMicroelectronics |
|
58 / 88 page ![]() Timing Controller (TCON) Block ADE3XXX 58/88 TCON_SRTD_27 0x0B6B R/W [7:0] refer to TCON_srtd_0 for definition TCON_SRTD_28 0x0B6C R/W [7:0] refer to TCON_srtd_0 for definition TCON_SRTD_29 0x0B6D R/W [7:0] refer to TCON_srtd_0 for definition TCON_SRTD_30 0x0B6E R/W [7:0] refer to TCON_srtd_0 for definition TCON_SRTD_31 0x0B6F R/W [7:0] refer to TCON_srtd_0 for definition TCON_X_0 0x0B80 [7:6] Reserved R/W [5:0] 0x0 Input Selection for SRTD_0.A 0x00: 0 0x01: 1 0x02: external TCON input pin 0x03: I2C SRTD init bit 0x04 - 0x1F: comp0 - comp27 0x20 - 0x37: SRTD8 - SRTD31 0x38: 2 frame + 1 line + 2 pixel toggle 0x39: 2 frame + 2 line + 1 pixel toggle 0x3A: HCOUNT[0] 0x3B: HCOUNT[1] 0x3C: HCOUNT[0] 0x3D: HCOUNT[1] 0x3E: FCOUNT[0] 0x3F: FCOUNT[1] TCON_X_1 0x0B81 R/W [7:0] Input Selection for SRTD_0.B1 TCON_X_2 0x0B82 R/W [7:0] Input Selection for SRTD_1.A1 TCON_X_3 0x0B83 R/W [7:0] Input Selection for SRTD_1.B1 TCON_X_4 0x0B84 R/W [7:0] Input Selection for SRTD_2.A1 TCON_X_5 0x0B85 R/W [7:0] Input Selection for SRTD_2.B1 TCON_X_6 0x0B86 R/W [7:0] Input Selection for SRTD_3.A1 TCON_X_7 0x0B87 R/W [7:0] Input Selection for SRTD_3.B1 TCON_X_8 0x0B88 R/W [7:0] Input Selection for SRTD_4.A1 TCON_X_9 0x0B89 R/W [7:0] Input Selection for SRTD_4.B1 TCON_X_10 0x0B8A R/W [7:0] Input Selection for SRTD_5.A1 TCON_X_11 0x0B8B R/W [7:0] Input Selection for SRTD_5.B1 TCON_X_12 0x0B8C R/W [7:0] Input Selection for SRTD_6.A1 TCON_X_13 0x0B8D R/W [7:0] Input Selection for SRTD_6.B1 TCON_X_14 0x0B8E R/W [7:0] Input Selection for SRTD_7.1 TCON_X_15 0x0B8F R/W [7:0] Input Selection for SRTD_7.B1 TCON_X_16 0x0B90 R/W [7:0] Input Selection for SRTD_8.1 TCON_X_17 0x0B91 R/W [7:0] Input Selection for SRTD_8.B1 TCON_X_18 0x0B92 R/W [7:0] Input Selection for SRTD_9.A1 TCON_X_19 0x0B93 R/W [7:0] Input Selection for SRTD_9.B1 TCON_X_20 0x0B94 R/W [7:0] Input Selection for SRTD_10.A1 Table 20: TCON Registers (Sheet 4 of 6) Register Name Addr. Mode Bits Default Description |