| データシートサーチシステム |
|
LM337H データシート(PDF) 6 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM337H データシート(HTML) 6 Page - National Semiconductor (TI) |
|
6 / 12 page ![]() Typical Applications Adjustable Lab Voltage Regulator 00906709 Full output current not available at high input-output voltages *The 10 µF capacitors are optional to improve ripple rejection Current Regulator 00906711 Negative Regulator with Protection Diodes 00906713 *When CL is larger than 20 µF, D1 protects the LM137 in case the input supply is shorted **When C2 is larger than 10 µF and −VOUT is larger than −25V, D2 protects the LM137 in case the output is shorted −5.2V Regulator with Electronic Shutdown* 00906710 *Minimum output . −1.3V when control input is low Adjustable Current Regulator 00906712 High Stability −10V Regulator 00906714 www.national.com 6 |