データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADE3050SX データシート(PDF) 55 Page - STMicroelectronics

部品番号 ADE3050SX
部品情報  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3050SX データシート(HTML) 55 Page - STMicroelectronics

Back Button ADE3050SX Datasheet HTML 51Page - STMicroelectronics ADE3050SX Datasheet HTML 52Page - STMicroelectronics ADE3050SX Datasheet HTML 53Page - STMicroelectronics ADE3050SX Datasheet HTML 54Page - STMicroelectronics ADE3050SX Datasheet HTML 55Page - STMicroelectronics ADE3050SX Datasheet HTML 56Page - STMicroelectronics ADE3050SX Datasheet HTML 57Page - STMicroelectronics ADE3050SX Datasheet HTML 58Page - STMicroelectronics ADE3050SX Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
55/88
ADE3XXX
Timing Controller (TCON) Block
2.16
Timing Controller (TCON) Block
The Output Timing Controller module provides timing for Smart Panel applications. The timing unit
is based on horizontal and vertical counters locked with the output video stream. A set of
programmable comparators provides all necessary time events to generate signals for the driver
interface.
Please refer to the programming tools for more details.
Figure 6: TCON Block Diagram
Table 20: TCON Registers (Sheet 1 of 6)
Register Name
Addr.
Mode
Bits
Default
Description
TCON_CONTROL
0x0BC0
[7:3]
Reserved
R/W
[2]
0
0: no TCON pipe delay matching
1: TCON pipe delay enabled (normal)
R/W
[1]
0
initialize SRTDs
R/W
[0]
0
enableTCON
TCON_COMP_0_L
0x0B10
R/W
[7:0]
0
count comparison value [7:0]
TCON_COMP_0_H
0x0B11
R/W
[7:5]
Reserved
R/W
[4]
0: horizontal count compare
1: vertical count compare
R/W
[3:0]
count comparison value [11:8]
TCON_COMP_1_L
0x0B12
R/W
[7:0]
0
refer to TCON_COMP_0 for definition
TCON_COMP_1_H
0x0B13
R/W
[7:0]
TCON_COMP_2_L
0x0B14
R/W
[7:0]
0
refer to TCON_COMP_0 for definition
TCON_COMP_2_H
0x0B15
R/W
[7:0]
TCON_COMP_3_L
0x0B16
R/W
[7:0]
0
refer to TCON_COMP_0 for definition
TCON_COMP_3_H
0x0B17
R/W
[7:0]
TCON_COMP_4_L
0x0B18
R/W
[7:0]
0
refer to TCON_COMP_0 for definition
TCON_COMP_4_H
0x0B19
R/W
[7:0]
TCON_COMP_5_L
0x0B1A
R/W
[7:0]
0
refer to TCON_COMP_0 for definition
TCON_COMP_5_H
0x0B1B
R/W
[7:0]
TCON_COMP_6_L
0x0B1C
R/W
[7:0]
0
refer to TCON_COMP_0 for definition
TCON_COMP_6_H
0x0B1D
R/W
[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88