| データシートサーチシステム |
|
CLC2005ISO8X データシート(PDF) 5 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
CLC2005ISO8X データシート(HTML) 5 Page - Exar Corporation |
|
5 / 19 page ![]() © 2007-2015 Exar Corporation 5 / 19 exar.com/CLC1005 Rev 2D CLC1005, CLC1015, CLC2005 Electrical Characteristics at +5V Continued TA = 25°C, VS = +5V, Rf = 2kΩ, RL = 2kΩ to VS/2; G = 2; unless otherwise noted. Symbol Parameter Conditions Min Typ Max Units Output Characteristics VOUT Output Swing RL = 10kΩ to VS / 2 0.027 to 4.97 V RL = 2kΩ to VS / 2 0.036 to 4.953 V RL = 150Ω to VS / 2 0.3 0.12 to 4.8 4.625 V IOUT Output Current ±55 mA -40°C to +85°C ±50 mA ISC Short Circuit Current VOUT = VS / 2 ±85 mA VS Power Supply Operating Range 2.5 5 5.5 V Notes: 1. Rf = 1kΩ was used for optimal performance. (For G = +1, Rf = 0) |