| データシートサーチシステム |
|
CS8405A-CS データシート(PDF) 4 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8405A-CS データシート(HTML) 4 Page - Cirrus Logic |
|
4 / 36 page ![]() CS8405A 4 DS469PP4 1. CHARACTERISTICS AND SPECIFICATIONS POWER AND THERMAL CHARACTERISTICS (DGND = 0 V, all voltages with respect to ground) Notes: 1. -CS’ and ‘-CZ’ parts are specified to operate over -10 ° C to 70° C but are tested at 25° C only. 2. ‘- IS’ and ‘-IZ’ parts are tested over the full -40°C to 85°C temperature range. ABSOLUTE MAXIMUM RATINGS (DGND = 0V, all voltages with respect to ground) Notes: 3. Transient currents of up to 100 mA will not cause SCR latch-up. Parameter Symbol Min Typ Max Units Power Supply Voltage VD+ VL+ 4.5 2.85 5.0 - 5.5 5.5 V V Supply Current at 48 kHz frame rate VD+ VL+ = 3V VL+ = 5V - - - 6.3 30.1 46.5 - - - mA mA mA Supply Current at 96 kHz frame rate VD+ VL+ = 3V VL+ = 5V - - - 6.6 44.8 76.6 - - - mA mA mA Supply Current in power down Reset high, VD+ Reset high, VL+ = 3V Reset high, VL+ = 5V - - - 20 60 60 - - - µA µA µA Ambient Operating Temperature:CS8405-CS & -CZ (Note 1) CS8405-IS & -IZ (Note 2) TA -10 -40 25 70 85 °C Parameter Symbol Min Max Units Power Supply Voltage VD/VL+ - 6.0 V Input Current, Any Pin Except Supply (Note 3) Iin -±10 mA Input Voltage Vin -0.3 (VL+) + 0.3 V Ambient Operating Temperature (power applied) TA -55 125 °C Storage Temperature Tstg -65 150 °C |