| データシートサーチシステム |
|
GL641USB データシート(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL641USB データシート(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 7 page ![]() Revision 1.2 June 1, 2001 -3- GL641USB GL641USB GL641USB GL641USB 2. Functional Overview The GL641USB is a USB storage class controller that supports ATA/ATAPI/Compact Flash device. It is compliant to USB 12Mbps protocol and data transfer rate is up to 1.1Mbytes/Sec. It is also compliant to USB Storage Class Bulk Only protocol. There are 4 endpoints in GL641USB controller. Endpoint 0 is a Control endpoint for this controller. It is used to initialize this USB device. Endpoint 1 is a Bulk IN endpoint. It is used to read data from the storage device. Endpoint 2 is a Bulk OUT endpoint. It is used to issue SCSI packet command to the storage device and write data to the storage device. Endpoint 3 is an Interrupt IN endpoint and not used by USB Storage Class Bulk Only protocol currently. Micro- controller USB Registers & FIFO Control Endpoint 0 Control 8 Bytes FIFO Endpoint 1 Bulk IN 64 Bytes FIFO USB Interface D+ D- Endpoint 2 Bulk OUT 64 Bytes FIFO Endpoint 3 Interrupt IN 8 Bytes FIFO ATA ATAPI CF Interface ATA Figure 2-1 Block Diagram of GL641USB |