| データシートサーチシステム |
|
PA-868-104P-B-R2 データシート(PDF) 4 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PA-868-104P-B-R2 データシート(HTML) 4 Page - Copal Electronics |
|
4 / 4 page ![]() PA-860/PA-868 PRESSURE TRANSDUCERS WITH AMP. PRESSURE TRANSDUCER 30 0 –0.3 16.8 0.1 1 0.1 16 25 Label (41) G 3/8 (PF 3/8) (Iron, Ni-plated) Pressure port 1.6 φ φ 3-core shielded cable L = 2000 100 AWG22 ULNo.20276 ( 5.0) φ OConfigurations of joint G3 (G 3/8) type PRESSURE TRANSDUCER 30 0 –0.3 15 26 Label (41) Pressure port 1.6 φ R2 (R1/4) (Iron, Ni-plated) 3-core shielded cable L = 2000 100 AWG22 ULNo.20276 ( 5.0) φ O Configurations of joint R2 (R 1/4) type Drip-proof cover ODrip-proof cover type ■ OUTLINE DIMENSIONS Unless otherwise specified, tolerance : ± 0.5 (Unit: mm) Wire color PA-868 Red Black White Gray Connection Power B N.C. Output Fitting Wire color PA-860 Red Black White Gray Connection Power B Common Output Fitting Please make sure that the drip- proof cover is properly placed over the main body and the cable. |